Part Number Hot Search : 
FP3002 SMDB08 HIN230IB 100031 MM1095 300HS RN4606 NJU7074D
Product Description
Full Text Search
 

To Download 2SB925 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor isc product specification isc silicon pnp power transistor 2SB925 description high collector current:: i c = -7a low collector saturation voltage : v ce(sat) = -0.6v(max)@i c = -5a high speed switching applications designed for low voltage switching applications. absolute maximum ratings(t a =25 ) symbol parameter value unit v cbo collector-base voltage -40 v v ceo collector-emitter voltage -20 v v ebo emitter-base voltage -5 v i c collector current-continuous -7 a i cm collector current-peak -12 a p c total power dissipation @ t c =25 30 w t j junction temperature 150 t stg storage temperature range -55~150 isc website www.iscsemi.cn
inchange semiconductor isc product specification isc silicon pnp power transistor 2SB925 electrical characteristics t c =25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c = -10ma; i b = 0 -20 v v ce (sat) collector-emitter saturation voltage i c = -5a; i b = -0.16a b -0.6 v v be (sat) base-emitter saturation voltage i c = -5a; i b = -0.16a b -1.5 v i cbo collector cutoff current v cb = -40v; i e = 0 -50 a i ebo emitter cutoff current v eb = -5v; i c = 0 -50 a h fe-1 dc current gain i c = -0.1a; v ce = -2v 45 h fe-2 dc current gain i c = -2a; v ce = -2v 60 260 c ob collector output capacitance i e = 0; v cb = -10v; f= 1mhz 140 pf f t current-gain?bandwidth product i c = -0.5a; v ce = -10v 150 mhz switching times t on turn-on time 0.1 s t stg storage time 0.5 s t f fall time v cc = -20v;i c = -2a; i b1 = -i b2 = -66ma 0.1 s ? h fe- 2 classifications r q p 60-120 90-180 130-260 isc website www.iscsemi.cn 2


▲Up To Search▲   

 
Price & Availability of 2SB925

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X